| Moteur de recherche de fiches techniques de composants électroniques |
|
U74HCT20L-P14-R Fiches technique(PDF) 3 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
U74HCT20L-P14-R Fiches technique(HTML) 3 Page - Unisonic Technologies |
|
3 / 4 page ![]() U74HCT20 CMOS IC UNISONICTECHNOLOGIESCO.,LTD 3 of 4 www.unisonic.com.tw QW-R502-657.A ABSOLUTE MAXIMUM RATING (unless otherwise specified) PARAMETER SYMBOL RATINGS UNIT Supply Voltage VCC -0.5~7 V Input Clamp Current IIK -20 mA Output Clamp Current IOK ±20 mA Output Current IOUT ±25 mA VCC or GND Current ICC ±50 mA Storage Temperature TSTG -65 ~ +150 ℃ Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. RECOMMENDED OPERATING CONDITIONS PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNIT Supply Voltage VCC 4.5 5.5 V Input Voltage VIN 0 Vcc V Output Voltage VOUT 0 VCC V Input Transition Rise or Fall Rate tR, tF VCC=4.5V 500 ns Operating Temperature TA -40 85 ℃ STATIC CHARACTERISTICS (TA = 25°С) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT High-Level Input Voltage VIH VCC= 4.5V to 5.5V 2.0 V Low-Level Input Voltage VIL VCC= 4.5V to 5.5V 0.8 V VCC= 4.5V, IO = -20µA 4.4 4.999 High-Level Output Voltage VOH VCC= 4.5V, IO = -4mA 3.98 4.3 V VCC= 4.5V, IO = 20µA 0.001 0.1 Low-Level Output Voltage VOL VCC= 4.5V, IO = 4mA 0.17 0.26 V Input Leakage Current II(LEAK) VCC= 5.5V ,VIN = VCC or GND ±0.1 ±100 nA Quiescent Supply Current ICC VCC= 5.5V, VIN = VCC or GND, IO = 0 2 µA Additional Quiescent Supply Current △ ICC One input at VCC -2.1V, other inputs at 0 or VCC 100 360 uA Input Capacitance CIN VCC=4.5V~5.5V 3 10 pF DYNAMIC CHARACTERISTICS (TA=25°С, Input: tR=tF=6ns, unless otherwise specified ) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Propagation delay from Input(A or B) to Output(Y) tPLH, tPHL VCC=4.5V, CL=50pF 16 28 ns Output Transition Time tt VCC=4.5V, CL=50pF 7 15 ns OPERATING CHARACTERISTICS (TA=25°С, unless otherwise specified) PARAMETER SYMBOL TEST CONDITION RATINGS UNIT Power Dissipation Capacitance CPD No Load 38 pF |