| Moteur de recherche de fiches techniques de composants électroniques |
|
U74HC564G-P20-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
U74HC564G-P20-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 5 page ![]() UNISONIC TECHNOLOGIES CO., LTD U74HC564 CMOS IC www.unisonic.com.tw 1 of 5 Copyright © 2011 Unisonic Technologies Co., Ltd QW-R502-644.A OCTAL D-TYPE EDGE-TRIGGERRD FLIP-FLOPS WITH 3-STATE OUTPUTS DESCRIPTION The UTC 74HC564 are octal D-type flip-flops featuring separated D-type inputs for each flip-flop and inverting 3-state outputs for bus-oriented applications. FEATURES * Operation Voltage Range:2~6V * 3-state Inverting Outputs for Bus-oriented Applications * Common 3-state Output Enable Input ORDERING INFORMATION Ordering Number Lead Free Halogen Free Package Packing U74HC564L-P20-R U74HC564G-P20-R TSSOP-20 Tape Reel U74HC564L-P20-T U74HC564G-P20-T TSSOP-20 Tube |
Numéro de pièce similaire - U74HC564G-P20-R |
|
Description similaire - U74HC564G-P20-R |