| Moteur de recherche de fiches techniques de composants électroniques |
|
U74AHCT3G17G-P08-R Fiches technique(PDF) 4 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
U74AHCT3G17G-P08-R Fiches technique(HTML) 4 Page - Unisonic Technologies |
|
4 / 6 page ![]() U74AHCT3G17 CMOS IC UNISONICTECHNOLOGIESCO.,LTD 4 of 6 www.unisonic.com.tw QW-R502-694.A AC CHARACTERISTICS (TA =25°C, GND = 0V, tR = tF ≤ 3.0 ns) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Propagation Delay from Input (nA) to Output (nY) tPLH/tPHL (tPD) VCC = 4.5 to 5.5V, CL = 15 pF 4.1 7.0 ns VCC = 4.5 to 5.5V, CL = 50 pF 5.9 8.5 OPERATING CHARACTERISTICS (TA =25°C) PARAMETER SYMBOL TEST CONDITIONS TYP UNIT Power Dissipation Capacitance Per Buffer CPD CL= 50pF, f=1MHz (Note 1, 2) 12 pF Notes: 1. CPD is used to determine the dynamic power dissipation (PD in μW). PD = CPD × VCC 2 × fI × N + Σ(CL × VCC2 × fO) where: fI = input frequency in MHz; fO = output frequency in MHz; CL = output load capacitance in pF; VCC = supply voltage in Volts; N = number of inputs switching; Σ(CL × VCC 2 × fO) = sum of the outputs. 2. The condition is VI = GND to VCC. |