Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SA13 Fiches technique(PDF) 2 Page - Micro Commercial Components

No de pièce SA13
Description  500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MCC [Micro Commercial Components]
Site Internet  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SA13 Fiches technique(HTML) 2 Page - Micro Commercial Components

  SA13 Datasheet HTML 1Page - Micro Commercial Components SA13 Datasheet HTML 2Page - Micro Commercial Components SA13 Datasheet HTML 3Page - Micro Commercial Components SA13 Datasheet HTML 4Page - Micro Commercial Components SA13 Datasheet HTML 5Page - Micro Commercial Components SA13 Datasheet HTML 6Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image

    

 0'*5F)*&*,,534@ ,* 0;)*=*,534@ ,*

 07)*&5*,> 03A45<@34@55435@*

@4=4,*34@5
 0$)3*5=A)353*&*,=*,534@ ,*
 0?>5G4>>@@,**3434**5F,&5,=
), *,,*@3@4=4,*34@5@A
www.mccsemi.com



Html Pages

1 2 3 4 5 6