Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

66293 Fiches technique(PDF) 1 Page - Micropac Industries

No de pièce 66293
Description  PROTON RADIATION TOLERANT SINGLE-DUAL CHANNEL, LOW-INPUT CURRENT,OPTOCOUPLER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROPAC [Micropac Industries]
Site Internet  http://www.micropac.com
Logo MICROPAC - Micropac Industries

66293 Fiches technique(HTML) 1 Page - Micropac Industries

  66293 Datasheet HTML 1Page - Micropac Industries 66293 Datasheet HTML 2Page - Micropac Industries 66293 Datasheet HTML 3Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION
• 725 E.Walnut St., Garland, TX 75040 • (972)272-3571 • Fax (972)487-6918
www.micropac.com
E-MAIL: OPTOSALES @ MICROPAC.COM
66293
PROTON RADIATION TOLERANT
SINGLE/DUAL CHANNEL, LOW-INPUT CURRENT,
OPTOCOUPLER
(Electrically similar to 6N140)
07/20/2006
Features:
Proton Radiation Tolerant
High current transfer ratio: 750% typical
1500 Vdc isolation test voltage
Low input current requirement: 1.6 mA
Applications:
Telephone ring detection
Voltage level shifting
Isolated receiver input
Communication systems
Medical systems
DESCRIPTION
The 66293 single/dual optocoupler utilizes an 850 nm infrared LED with proven tolerance to proton radiation optically coupled
to a high gain photodarlington detector. This unique optocoupler provides high CTR and low leakage current over the full
military temperature range (-55° to +125°C). The 66293 is an 8 pin dual-in-line, hermetically sealed package and is available
in standard and screened versions or tested to customer specifications.
ABSOLUTE MAXIMUM RATINGS
Peak Forward Input Current (each channel) (1 ms duration)...............................................................................................20 mA
Average Forward Input Current (each channel) (Note 1) ....................................................................................................10 mA
Reverse Input Voltage ..............................................................................................................................................................5 V
Output Current - IO (each channel) .....................................................................................................................................40 mA
Output Power Dissipation (each channel) (Note 2) ........................................................................................................... 50 mW
Supply Voltage - VCC (Note 3)....................................................................................................................................... 0.5 to 20 V
Output Voltage - VO (each channel) (Note 3) ............................................................................................................ -0.5 to 20 V
Storage Temperature........................................................................................................................................... -65°C to +150°C
Operating Free-Air Temperature Range.............................................................................................................. -55°C to +125°C
Lead Solder Temperature (10 seconds, 1/16” below seating plane)................................................................................... 260°C
Notes:
1.
Derate IF at 0.1 mA/°C above 25°C.
2.
Collector output power plus one half of the total supply power is total output power. Derate at 0.5 mW/°C above 25°C.
3.
The lowest total IOH over temperature is developed by keeping VCC as low as possible, but greater that 2 Volts. The most
negative voltage at the detector side should be applied to Pin 5.
Package Dimensions
Schematic Diagram
0.400 [10.16]
0.380 [9.65]
0.013 [0.33]
0.007 [0.18]
0.300 [7.62]
REF
0.322 [8.18]
0.298 [7.57]
6
7
A1
1
8
ALL DIMENSIONS ARE IN INCHES [MILLIMETERS]
0.100 [2.54] TYP
0.150 [3.81] MIN
0.170 [4.32] MAX
0.021 [0.53] MAX
0.020 [0.51] MIN
66293-XXX
USA
XXXX
PIN 1
DATE
CODE
7
2
A
NC
4
3
K
5
6
NC
1
8
NC
GND
V0
Vcc
VO1
Vcc
VO2
GND
A2
K2
K1
4
3
2
5
SHIELD
SINGLE CHANNEL
DUAL CHANNEL
SHIELD
MICROPAC
OPTOELECTRONIC PRODUCTS
DIVISION


Numéro de pièce similaire - 66293

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
66293074 VISHAY-66293074 Datasheet
75Kb / 4P
PTC Thermistors, Overload Protection For Telecommunication
10-Oct-03
66293081 VISHAY-66293081 Datasheet
75Kb / 4P
PTC Thermistors, Overload Protection For Telecommunication
10-Oct-03
66293114 VISHAY-66293114 Datasheet
75Kb / 4P
PTC Thermistors, Overload Protection For Telecommunication
10-Oct-03
66293129 VISHAY-66293129 Datasheet
75Kb / 4P
PTC Thermistors, Overload Protection For Telecommunication
10-Oct-03
66293131 VISHAY-66293131 Datasheet
75Kb / 4P
PTC Thermistors, Overload Protection For Telecommunication
10-Oct-03
More results

Description similaire - 66293

FabricantNo de pièceFiches techniqueDescription
logo
Micropac Industries
66099 MICROPAC-66099 Datasheet
87Kb / 2P
HIGH VOLTAGE RADIATION TOLERANT OPTOCOUPLER
66168 MICROPAC-66168 Datasheet
86Kb / 2P
PROTON RADIATION TOLERANT OPTOCOUPLER (Pin-for-Pin Replacement for 4N49)
66183 MICROPAC-66183 Datasheet
86Kb / 2P
PROTON RADIATION TOLERANT OPTOCOUPLER(Single Channel, Electrically Similar to 4N49)
66191 MICROPAC-66191 Datasheet
83Kb / 2P
PROTON RADIATION TOLERANT OPTOCOUPLER (Single Channel, Electrical EQUIVALENT TO 66099)
66212 MICROPAC-66212 Datasheet
52Kb / 2P
Designed to be proton radiation tolerant
66342 MICROPAC-66342 Datasheet
78Kb / 2P
PROTON RADIATION TOLERANT
66296 MICROPAC-66296 Datasheet
123Kb / 2P
PROTON RADIATION TOLERANT
logo
Skyworks Solutions Inc.
OLS2449 SKYWORKS-OLS2449 Datasheet
328Kb / 6P
Dual Channel, Radiation Tolerant, Phototransistor Hermetic Surface Mount Optocoupler
OLH249 SKYWORKS-OLH249 Datasheet
418Kb / 6P
Radiation-Tolerant, Phototransistor Hermetic Optocoupler
April 13, 2017
OLS2249 SKYWORKS-OLS2249 Datasheet
290Kb / 6P
Dual-Channel, Radiation-Tolerant Phototransistor Hermetic Surface-Mount Optocoupler
December 2, 2019
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com