| Moteur de recherche de fiches techniques de composants électroniques |
|
SB2040CT Fiches technique(PDF) 2 Page - Micro Commercial Components |
|
|
|||||||||||||||||||||||||||||
SB2040CT Fiches technique(HTML) 2 Page - Micro Commercial Components |
|
2 / 2 page ![]() SB2020CT thru SB20100CT www.mccsemi.com MCC RATING AND CHARACTERISTIC CURVES Fig.2- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTIC INSTANTANEOUS FORWARD VOLTAGE, VOLTS Fig.1- FORWARD CURRENT DERATING CURVE CASE TEMPERATURE, C O 0 50 100 150 25.0 20.0 15.0 10.0 5.0 0 .4 .5 .6 .7 .8 .9 1.0 1.1 40 10 8 6 4 2 1.0 .8 .6 .4 .2 .1 Fig.3- TYPICAL REVERSE CHARACTERISTIC 0 100 200 300 10 1.0 0.1 0.01 0.001 T = 100 C C O T = 75 C C O T = 25 C C O Fig.4- MAXIMUM NON-REPETITIVE SURGE CURRENT NO. OF CYCLE AT 60HZ 150 120 110 90 70 50 30 20 10 1 2 5 10 20 50 100 Fig.5- TYPICAL JUNCTION CAPACITANCE REVERSE VOLTAGE, VOLTS 1 2 5 10 20 50 100 400 350 300 250 200 150 0 200 500 |