| Moteur de recherche de fiches techniques de composants électroniques |
|
AM4376 Fiches technique(PDF) 83 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM4376 Fiches technique(HTML) 83 Page - Texas Instruments |
|
83 / 261 page ![]() AM4376, AM4377, AM4378, AM4379 www.ti.com SPRS851B – JUNE 2014 – REVISED APRIL 2015 4.3.11 McASP Interfaces Table 4-40. McASP0 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] TYPE [3] ZDN BALL [4] mcasp0_aclkr McASP0 Receive Bit Clock IO A15, A3, C19, L23 mcasp0_aclkx McASP0 Transmit Bit Clock IO A19, D14, E11, F7, N24 mcasp0_ahclkr McASP0 Receive Master Clock IO B18, M24 mcasp0_ahclkx McASP0 Transmit Master Clock IO C13, D17, L24 mcasp0_axr0 McASP0 Serial Data (IN/OUT) IO A18, B11, C14, G8, H23 mcasp0_axr1 McASP0 Serial Data (IN/OUT) IO A11, C17, D8, E16, M25 mcasp0_axr2 McASP0 Serial Data (IN/OUT) IO B18, C19, D16, L23, M24 mcasp0_axr3 McASP0 Serial Data (IN/OUT) IO D17, D19, F17, K23, L24 mcasp0_fsr McASP0 Receive Frame Sync IO A12, C16, D19, K23 mcasp0_fsx McASP0 Transmit Frame Sync IO B19, B4, C11, D13, N22 Table 4-41. McASP1 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] TYPE [3] ZDN BALL [4] mcasp1_aclkr McASP1 Receive Bit Clock IO B15, F17 mcasp1_aclkx McASP1 Transmit Bit Clock IO A15, B14, L23 mcasp1_ahclkr McASP1 Receive Master Clock IO F17 mcasp1_ahclkx McASP1 Transmit Master Clock IO A16, F17 mcasp1_axr0 McASP1 Serial Data (IN/OUT) IO A13, C13, M25 mcasp1_axr1 McASP1 Serial Data (IN/OUT) IO A14, L24 mcasp1_axr2 McASP1 Serial Data (IN/OUT) IO B15, D16 mcasp1_axr3 McASP1 Serial Data (IN/OUT) IO A16, B16 mcasp1_fsr McASP1 Receive Frame Sync IO A14, B16 mcasp1_fsx McASP1 Transmit Frame Sync IO B13, C16, K23 Copyright © 2014–2015, Texas Instruments Incorporated Terminal Configuration and Functions 83 Submit Documentation Feedback Product Folder Links: AM4376 AM4377 AM4378 AM4379 |