Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM1806 Fiches technique(PDF) 77 Page - Texas Instruments

Click here to check the latest version.
No de pièce AM1806
Description  AM1806 ARM짰 Microprocessor
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

AM1806 Fiches technique(HTML) 77 Page - Texas Instruments

Back Button AM1806 Datasheet HTML 73Page - Texas Instruments AM1806 Datasheet HTML 74Page - Texas Instruments AM1806 Datasheet HTML 75Page - Texas Instruments AM1806 Datasheet HTML 76Page - Texas Instruments AM1806 Datasheet HTML 77Page - Texas Instruments AM1806 Datasheet HTML 78Page - Texas Instruments AM1806 Datasheet HTML 79Page - Texas Instruments AM1806 Datasheet HTML 80Page - Texas Instruments AM1806 Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 245 page
background image
AM1806
www.ti.com
SPRS658F – FEBRUARY 2010 – REVISED MARCH 2014
6.7.1.4
AINTC System Interrupt Assignments
Table 6-6. AINTC System Interrupt Assignments
System Interrupt
Interrupt Name
Source
0
COMMTX
ARM
1
COMMRX
ARM
2
NINT
ARM
3
PRU_EVTOUT0
PRUSS Interrupt
4
PRU_EVTOUT1
PRUSS Interrupt
5
PRU_EVTOUT2
PRUSS Interrupt
6
PRU_EVTOUT3
PRUSS Interrupt
7
PRU_EVTOUT4
PRUSS Interrupt
8
PRU_EVTOUT5
PRUSS Interrupt
9
PRU_EVTOUT6
PRUSS Interrupt
10
PRU_EVTOUT7
PRUSS Interrupt
11
EDMA3_0_CC0_INT0
EDMA3_0 Channel Controller 0 Shadow Region 0 Transfer
Completion Interrupt
12
EDMA3_0_CC0_ERRINT
EDMA3_0 Channel Controller 0 Error Interrupt
13
EDMA3_0_TC0_ERRINT
EDMA3_0 Transfer Controller 0 Error Interrupt
14
EMIFA_INT
EMIFA
15
IIC0_INT
I2C0
16
MMCSD0_INT0
MMCSD0 MMC/SD Interrupt
17
MMCSD0_INT1
MMCSD0 SDIO Interrupt
18
PSC0_ALLINT
PSC0
19
RTC_IRQS[1:0]
RTC
20
SPI0_INT
SPI0
21
T64P0_TINT12
Timer64P0 Interrupt 12
22
T64P0_TINT34
Timer64P0 Interrupt 34
23
T64P1_TINT12
Timer64P1 Interrupt 12
24
T64P1_TINT34
Timer64P1 Interrupt 34
25
UART0_INT
UART0
26
-
Reserved
27
MPU_BOOTCFG_ERR
Shared MPU and SYSCFG Address/Protection Error Interrupt
28-31
-
Reserved
32
EDMA3_0_TC1_ERRINT
EDMA3_0 Transfer Controller 1 Error Interrupt
33-40
-
Reserved
41
DDR2_MEMERR
DDR2 Controller
42
GPIO_B0INT
GPIO Bank 0 Interrupt
43
GPIO_B1INT
GPIO Bank 1 Interrupt
44
GPIO_B2INT
GPIO Bank 2 Interrupt
45
GPIO_B3INT
GPIO Bank 3 Interrupt
46
GPIO_B4INT
GPIO Bank 4 Interrupt
47
GPIO_B5INT
GPIO Bank 5 Interrupt
48
GPIO_B6INT
GPIO Bank 6 Interrupt
49
GPIO_B7INT
GPIO Bank 7 Interrupt
50
GPIO_B8INT
GPIO Bank 8 Interrupt
51
IIC1_INT
I2C1
52
LCDC_INT
LCD Controller
53
UART_INT1
UART1
54
MCASP_INT
McASP0 Combined RX / TX Interrupts
Copyright © 2010–2014, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
77
Submit Documentation Feedback
Product Folder Links: AM1806



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More