| Moteur de recherche de fiches techniques de composants électroniques |
|
LPC2292 Fiches technique(PDF) 9 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC2292 Fiches technique(HTML) 9 Page - NXP Semiconductors |
|
9 / 54 page ![]() LPC2292_2294 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Product data sheet Rev. 8 — 8 June 2011 9 of 54 NXP Semiconductors LPC2292/2294 16/32-bit ARM microcontrollers with external memory interface P0[12]/DSR1/ MAT1[0]/RD4 84[2] J13[2] I DSR1 — Data Set Ready input for UART1. O MAT1[0] — Match output for Timer 1, channel 0. I RD4 — CAN4 receiver input (LPC2294 only). P0[13]/DTR1/ MAT1[1]/TD4 85[2] H10[2] O DTR1 — Data Terminal Ready output for UART1. O MAT1[1] — Match output for Timer 1, channel 1. O TD4 — CAN4 transmitter output (LPC2294 only). P0[14]/DCD1/ EINT1 92[4] G10[4] I DCD1 — Data Carrier Detect input for UART1. I EINT1 — External interrupt 1 input. Note: LOW on this pin while RESET is LOW forces on-chip bootloader to take over control of the part after reset. P0[15]/RI1/ EINT2 99[4] E11[4] I RI1 — Ring Indicator input for UART1. I EINT2 — External interrupt 2 input. P0[16]/EINT0/ MAT0[2]/ CAP0[2] 100[4] E10[4] I EINT0 — External interrupt 0 input. O MAT0[2] — Match output for Timer 0, channel 2. I CAP0[2] — Capture input for Timer 0, channel 2. P0[17]/CAP1[2]/ SCK1/MAT1[2] 101[2] D13[2] I CAP1[2] — Capture input for Timer 1, channel 2. I/O SCK1 — Serial Clock for SPI1/SSP[3]. SPI clock output from master or input to slave. O MAT1[2] — Match output for Timer 1, channel 2. P0[18]/CAP1[3]/ MISO1/MAT1[3] 121[2] D8[2] I CAP1[3] — Capture input for Timer 1, channel 3. I/O MISO1 — Master In Slave Out for SPI1/SSP[3]. Data input to SPI master or data output from SPI slave. O MAT1[3] — Match output for Timer 1, channel 3. P0[19]/MAT1[2]/ MOSI1/CAP1[2] 122[2] C8[2] O MAT1[2] — Match output for Timer 1, channel 2. I/O MOSI1 — Master Out Slave In for SPI1/SSP[3]. Data output from SPI master or data input to SPI slave. I CAP1[2] — Capture input for Timer 1, channel 2. P0[20]/MAT1[3]/ SSEL1/EINT3 123[4] B8[4] O MAT1[3] — Match output for Timer 1, channel 3. I SSEL1 — Slave Select for SPI1/SSP[3]. Selects the SPI interface as a slave. I EINT3 — External interrupt 3 input. P0[21]/PWM5/ RD3/CAP1[3] 4[2] C1[2] O PWM5 — Pulse Width Modulator output 5. I RD3 — CAN3 receiver input (LPC2294 only). I CAP1[3] — Capture input for Timer 1, channel 3. P0[22]/TD3/ CAP0[0]/ MAT0[0] 5[2] D4[2] O TD3 — CAN3 transmitter output (LPC2294 only). I CAP0[0] — Capture input for Timer 0, channel 0. O MAT0[0] — Match output for Timer 0, channel 0. P0[23]/RD2 6[2] D3[2] I RD2 — CAN2 receiver input. P0[24]/TD2 8[2] D1[2] O TD2 — CAN2 transmitter output. P0[25]/RD1 21[2] H1[2] I RD1 — CAN1 receiver input. Table 4. Pin description …continued Symbol Pin (LQFP) Pin (TFBGA)[1] Type Description |