Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

U74LVC2G66G-S08-R Fiches technique(PDF) 2 Page - Unisonic Technologies

No de pièce U74LVC2G66G-S08-R
Description  DUAL BILATERAL ANALOG SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC2G66G-S08-R Fiches technique(HTML) 2 Page - Unisonic Technologies

  U74LVC2G66G-S08-R Datasheet HTML 1Page - Unisonic Technologies U74LVC2G66G-S08-R Datasheet HTML 2Page - Unisonic Technologies U74LVC2G66G-S08-R Datasheet HTML 3Page - Unisonic Technologies U74LVC2G66G-S08-R Datasheet HTML 4Page - Unisonic Technologies U74LVC2G66G-S08-R Datasheet HTML 5Page - Unisonic Technologies U74LVC2G66G-S08-R Datasheet HTML 6Page - Unisonic Technologies U74LVC2G66G-S08-R Datasheet HTML 7Page - Unisonic Technologies U74LVC2G66G-S08-R Datasheet HTML 8Page - Unisonic Technologies U74LVC2G66G-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
U74LVC2G66
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 10
www.unisonic.com.tw
QW-R502-432.J
MARKING
SOP-8
MSOP-8
TSSOP-8
DFN-8(2×3)
PIN CONFIGURATION
FUNCTION TABLE (Each Gate)
CONTROL INPUT (C)
SWITCH
L
Off
H
On
LOGIC DIAGRAM (Positive Logic)
1A
1C
1B
1
7
2
One of two switches



Html Pages

1 2 3 4 5 6 7 8 9 10