Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

U74LVC1G125G-AF5-R Fiches technique(PDF) 2 Page - Unisonic Technologies

No de pièce U74LVC1G125G-AF5-R
Description  BUS BUFFER/LINE DRIVER 3-STATE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC1G125G-AF5-R Fiches technique(HTML) 2 Page - Unisonic Technologies

  U74LVC1G125G-AF5-R Datasheet HTML 1Page - Unisonic Technologies U74LVC1G125G-AF5-R Datasheet HTML 2Page - Unisonic Technologies U74LVC1G125G-AF5-R Datasheet HTML 3Page - Unisonic Technologies U74LVC1G125G-AF5-R Datasheet HTML 4Page - Unisonic Technologies U74LVC1G125G-AF5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
U74LVC1G125
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R502-408.D
PIN CONFIGURATION
3
2
1
4
5
OE
A
GND
Y
VCC
FUNCTION TABLE
INPUT( ΟΕ )
INPUT(A)
OUTPUT(Y)
L
L
L
L
H
H
H
X
Z
Note: H: HIGH voltage level; L: LOW voltage level; X=don’t care; Z=high-impedance OFF-state.
LOGIC DIAGRAM (Positive Logic)
Logic Symbol
IEC Logic Symbol



Html Pages

1 2 3 4 5