| Moteur de recherche de fiches techniques de composants électroniques |
|
CD4541L-S14-R Fiches technique(PDF) 4 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
CD4541L-S14-R Fiches technique(HTML) 4 Page - Unisonic Technologies |
|
4 / 7 page ![]() CD4541 CMOS IC UNISONICTECHNOLOGIESCO.,LTD 4 of 7 www.unisonic.com.tw QW-R502-037.D AC ELECTRICAL CHARACTERISTICS (Note 1, TA=25℃, CL=50pF (refer to test circuits)) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT VDD=5V 50 200 VDD=10V 30 100 Output Rise Time tTLH VDD=15V 25 80 ns VDD=5V 50 200 VDD=10V 30 100 Output Fall Time tTHL VDD=15V 25 80 ns VDD=5V 1.8 4.0 VDD=10V 0.6 1.5 Turn-Off, Turn-On Propagation Delay, Clock to Q (2 8 Output) tPLH, tPHL VDD=15V 0.4 1.0 μs VDD=5V 3.2 8.0 VDD=10V 1.5 3.0 Turn-On, Turn-Off Propagation Delay, Clock to Q (2 16 Output) tPHL, tPLH VDD=15V 1.0 2.0 μs VDD=5V 400 200 VDD=10V 200 100 Clock Pulse Width tWH(CL) VDD=15V 150 70 ns VDD=5V 2.5 1.0 VDD=10V 6.0 3.0 Clock Pulse Frequency fCL VDD=15V 8.5 4.0 MHz VDD=5V 400 170 VDD=10V 200 75 MR Pulse Width tWH(R) VDD=15V 150 50 ns Average Input Capacitance CI Any Input 5.0 7.5 pF Power Dissipation Capacitance CPD (Note 2) 100 pF Notes: 1. AC Parameters are guaranteed by DC correlated testing. 2. CPD determines the no load AC power consumption of any CMOS device. |