Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UT912DG-S20-R Fiches technique(PDF) 2 Page - Unisonic Technologies

No de pièce UT912DG-S20-R
Description  DECODERS FOR REMOTE CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT912DG-S20-R Fiches technique(HTML) 2 Page - Unisonic Technologies

  UT912DG-S20-R Datasheet HTML 1Page - Unisonic Technologies UT912DG-S20-R Datasheet HTML 2Page - Unisonic Technologies UT912DG-S20-R Datasheet HTML 3Page - Unisonic Technologies UT912DG-S20-R Datasheet HTML 4Page - Unisonic Technologies UT912DG-S20-R Datasheet HTML 5Page - Unisonic Technologies UT912DG-S20-R Datasheet HTML 6Page - Unisonic Technologies UT912DG-S20-R Datasheet HTML 7Page - Unisonic Technologies UT912DG-S20-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
UT912D
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R502-044.C
MARKING
Packing
MARKING
DIP-18
SOP-20
ENCODER/DECORDER CROSS REFERENCE TABLE
Package
Decoder Part No. Data Pins
Address Pins
VT
Pair Encoder
Encoder
Decoder
UTC UT912D
4
8
√
UTC UT912E DIP-14/18 SOP-16/20 DIP-18
SOP-20
PIN CONFIGURATION
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VDD
VT
OSC1
OSC2
VSS
A7
A0
A1
A2
A3
A4
A5
A6
1
2
3
4
5
6
7
14
13
12
11
10
9
8
NC
VDD
OSC1
OSC2
DIN
D11
A0
A1
A2
A3
A4
A5
A6
DIP-18
15
16
D10
A7
SOP-20
15
16
17
18
DIN
D11
D10
D9
D8
NC
VSS
D8
D9
VT
17
18
19
20
PIN DESCRIPTION
PIN NAME
I/O
INTERNAL CONNECTION
DESCRIPTION
A0 ~ A7
I
NMOS Transmission Gate
Input pins for address A0 ~ A7 setting, these pins can be
externally set to VSS or left open.
D8 ~ D11
O CMOS OUT
Output data pins, power-on state is low.
DIN
I
CMOS IN
Serial data input pin
VT
O CMOS OUT
Valid transmission, active high
OSC1
I
Oscillator
Oscillator input pin
OSC2
O Oscillator
Oscillator output pin
VSS
Negative power supply, (GND)
VDD
Positive power supply
BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8