Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM27313XMF/NOPB Fiches technique(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM27313XMF/NOPB
Description  LM27313/-Q1 1.6-MHz Boost Converter With 30-V Internal FET Switch in SOT-23
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM27313XMF/NOPB Fiches technique(HTML) 21 Page - Texas Instruments

Back Button LM27313XMF/NOPB Datasheet HTML 17Page - Texas Instruments LM27313XMF/NOPB Datasheet HTML 18Page - Texas Instruments LM27313XMF/NOPB Datasheet HTML 19Page - Texas Instruments LM27313XMF/NOPB Datasheet HTML 20Page - Texas Instruments LM27313XMF/NOPB Datasheet HTML 21Page - Texas Instruments LM27313XMF/NOPB Datasheet HTML 22Page - Texas Instruments LM27313XMF/NOPB Datasheet HTML 23Page - Texas Instruments LM27313XMF/NOPB Datasheet HTML 24Page - Texas Instruments LM27313XMF/NOPB Datasheet HTML 25Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LM27313XMF/NOPB
SOT-23
DBV
5
1000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LM27313XMFX/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LM27313XQMF/NOPB
SOT-23
DBV
5
1000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LM27313XQMFX/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
PACKAGE MATERIALS INFORMATION
www.ti.com
22-Jul-2015
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25