Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM5002MA/NOPB Fiches technique(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM5002MA/NOPB
Description  High Voltage Switch Mode Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM5002MA/NOPB Fiches technique(HTML) 20 Page - Texas Instruments

Back Button LM5002MA/NOPB Datasheet HTML 16Page - Texas Instruments LM5002MA/NOPB Datasheet HTML 17Page - Texas Instruments LM5002MA/NOPB Datasheet HTML 18Page - Texas Instruments LM5002MA/NOPB Datasheet HTML 19Page - Texas Instruments LM5002MA/NOPB Datasheet HTML 20Page - Texas Instruments LM5002MA/NOPB Datasheet HTML 21Page - Texas Instruments LM5002MA/NOPB Datasheet HTML 22Page - Texas Instruments LM5002MA/NOPB Datasheet HTML 23Page - Texas Instruments LM5002MA/NOPB Datasheet HTML 24Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LM5002MAX
SOIC
D
8
2500
330.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
LM5002MAX/NOPB
SOIC
D
8
2500
330.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
LM5002SD/NOPB
WSON
NGT
8
1000
178.0
12.4
4.3
4.3
1.3
8.0
12.0
Q1
LM5002SDX/NOPB
WSON
NGT
8
4500
330.0
12.4
4.3
4.3
1.3
8.0
12.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
11-Oct-2013
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24