Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PUSB3TB6 Fiches technique(PDF) 8 Page - NXP Semiconductors

No de pièce PUSB3TB6
Description  ESD protection for ultra high-speed interfaces
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PUSB3TB6 Fiches technique(HTML) 8 Page - NXP Semiconductors

Back Button PUSB3TB6_15 Datasheet HTML 4Page - NXP Semiconductors PUSB3TB6_15 Datasheet HTML 5Page - NXP Semiconductors PUSB3TB6_15 Datasheet HTML 6Page - NXP Semiconductors PUSB3TB6_15 Datasheet HTML 7Page - NXP Semiconductors PUSB3TB6_15 Datasheet HTML 8Page - NXP Semiconductors PUSB3TB6_15 Datasheet HTML 9Page - NXP Semiconductors PUSB3TB6_15 Datasheet HTML 10Page - NXP Semiconductors PUSB3TB6_15 Datasheet HTML 11Page - NXP Semiconductors PUSB3TB6_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
PUSB3TB6
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 19 August 2014
8 of 13
NXP Semiconductors
PUSB3TB6
ESD protection for ultra high-speed interfaces
A basic application diagram for ESD protection of SD card interface is shown on
Figure 11. GND can be connected to pin 2 for easy routing or to any other rail-to-rail
structure.
8.
Package outline
Any pin can be chosen for ground connection; one pin must be connected to ground.
Fig 11. Application diagram of SD card ESD protection using PUSB3TB6
DAT1
DAT0
GND
CLK
VCC (VSD)
CMD
DAT3/ CD
DAT
SD memory card
SD card application
PUSB3TB6
PESD5V0S1USF
aaa-013548
17
6
3
2
5
4
VCC
Fig 12. Package outline DFN2111-7 (SOT1358-1)
14-05-07
Dimensions in mm
0.1
0.25
0.15
0.5
0.3
0.5
1.5
1.0
2.20
2.05
0.5
max
0.2
min
0.05 max
0.127
1.2
1.0
1
4
5
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13