Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS1A Fiches technique(PDF) 3 Page - Micro Commercial Components

No de pièce GS1A
Description  1 Amp Silicon Rectifier 50 to 1000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MCC [Micro Commercial Components]
Site Internet  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

GS1A Fiches technique(HTML) 3 Page - Micro Commercial Components

  GS1A Datasheet HTML 1Page - Micro Commercial Components GS1A Datasheet HTML 2Page - Micro Commercial Components GS1A Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
GS1A thru GS1M
Figure 6
New SMA Assembly
Round Lead
Process
.01
1
10
10
20
40
100
200
60
Figure 5
Peak Forward Surge Current
Peak Forward Surge Current - Amperesversus
Pulse Duration - Milliseconds (mS)
Amps
mS
.02
.06 .1
.2
.6
2
6
400
600
1000
MCC
www.mccsemi.com



Html Pages

1 2 3