Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC3361BPL-S16-R Fiches technique(PDF) 5 Page - Unisonic Technologies

No de pièce MC3361BPL-S16-R
Description  LOW VOLTAGE/POWER NARROW BAND FM IF
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC3361BPL-S16-R Fiches technique(HTML) 5 Page - Unisonic Technologies

  MC3361BPL-S16-R Datasheet HTML 1Page - Unisonic Technologies MC3361BPL-S16-R Datasheet HTML 2Page - Unisonic Technologies MC3361BPL-S16-R Datasheet HTML 3Page - Unisonic Technologies MC3361BPL-S16-R Datasheet HTML 4Page - Unisonic Technologies MC3361BPL-S16-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MC3361BP
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 5
www.unisonic.com.tw
QW-R108-010.D
APPLICATION CIRCUIT
In the above typical application, the audio signal is recovered using a conventional quadrature FM detector. The
absence of an input signal is indicated by the presence of noise above the desired audio frequencies. This “noise
band: is monitored by an active filter and a detector. A squelch trigger circuit indicates the presence of noise (or a
tone) by an output which can be used to control scanning. At the same time, an internal switch is operated which can
be used to mute the audio.
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com