| Moteur de recherche de fiches techniques de composants électroniques |
|
MC3361BP-S16-R Fiches technique(PDF) 4 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
MC3361BP-S16-R Fiches technique(HTML) 4 Page - Unisonic Technologies |
|
4 / 5 page ![]() MC3361BP LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 4 of 5 www.unisonic.com.tw QW-R108-010.D ABSOLUTE MAXIMUM RATINGS (T A=25°C) PARAMETER SYMBOL RATING UNIT Max. Supply Voltage Vcc(MAX) 10 V Supply Voltage Range Vcc 2.5 to 7.0 V Detector Input voltage VI(DET) 1.0 Vp-p RF Input Voltage (Vcc≧4.0V) VI(RF) 1.0 Vrms Mute Function VMUTE -0.5 ~ + 5.0 Vpeak Operating Temperature TOPR -20 ~ +70 °C Storage Temperature TSTG -65 ~ +150 °C Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. ELECTRICAL CHARACTERISTICS (Vcc=4.0V, fo=10.7MHz, Δf=±3KHz, f MOD=1KHz, Ta=25°C, unless otherwise specified) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Squelch OFF (V12=2V) 4.0 mA Operating Current Icc Squelch ON (V12=GND) 6.0 mA Input Limiting Voltage VI(LIMIT) -3.0dB limiting 2.0 μV Detector Output Voltage VO(DET) 2.0 Vdc Detector Output Impedance ZO(DET) 400 Ω Audio Output Voltage VO VIN=10mV 100 160 mVrms Filter Gain GV f=10KHz,VIN=5mV 40 48 dB Filter Output DC Voltage VO(DC) 1.5 Vdc Trigger Hysteresis of Filter VTH 50 mV Mute Switch-ON Resistance RON(MUTE) Mute “Low” 10 Ω Mute Switch-OFF Resistance ROFF(MUTE) Mute “High” 10 M Ω Scan Control “Low” Output VL(SCAN) Mute OFF (V12=2V) 0.5 Vdc Scan Control “High” Output VH(SCAN) Mute ON (V12=GND) 3.0 Vdc Mixer Conversion Gain GV(MIXER) 24 dB Mixer Input Resistance RI(MIXER) 3.3 K Ω Mixer Input Capacitance CI(MIXER) 2.2 pF |