| Moteur de recherche de fiches techniques de composants électroniques |
|
MAX6501CMP080-T Fiches technique(PDF) 5 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX6501CMP080-T Fiches technique(HTML) 5 Page - Maxim Integrated Products |
|
5 / 8 page ![]() Low-Cost, +2.7V to +5.5V, Micropower Temperature Switches in SOT23 and TO-220 _______________________________________________________________________________________ 5 POSITIVE TEMPCO REFERENCE NEGATIVE TEMPCO REFERENCE HYST NETWORK TOVER HYST TOVER TEMP COLD +25°CTTH V MAX6501 POSITIVE TEMPCO REFERENCE NEGATIVE TEMPCO REFERENCE HYST NETWORK TOVER HYST TOVER TEMP COLD +25°CTTH HOT HOT V POSITIVE TEMPCO REFERENCE NEGATIVE TEMPCO REFERENCE HYST NETWORK TUNDER HYST TUNDER TEMP COLD TTH +25°C HOT V POSITIVE TEMPCO REFERENCE NEGATIVE TEMPCO REFERENCE HYST NETWORK TUNDER HYST TUNDER TEMP COLD TTH +25°C HOT V MAX6502 MAX6503 MAX6504 MAX6501 WITH 100k Ω PULL-UP MAX6504 MAX6503 WITH 100k Ω PULL-UP MAX6502 Figure 1. Block and Functional Diagrams |