Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM8021 Fiches technique(PDF) 6 Page - Solid State Optronic

No de pièce SM8021
Description  Built in active discharge circuit for fast turn-off
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SSOUSA [Solid State Optronic]
Site Internet  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SM8021 Fiches technique(HTML) 6 Page - Solid State Optronic

  SM8021 Datasheet HTML 1Page - Solid State Optronic SM8021 Datasheet HTML 2Page - Solid State Optronic SM8021 Datasheet HTML 3Page - Solid State Optronic SM8021 Datasheet HTML 4Page - Solid State Optronic SM8021 Datasheet HTML 5Page - Solid State Optronic SM8021 Datasheet HTML 6Page - Solid State Optronic SM8021 Datasheet HTML 7Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
© 2013 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 6 of 7
SM8021 /H/S/TR
Rev 2.00 (11/12/2013)
001722
SM8021
Optically Coupled
Dual MOSFET Driver
w/Discharge Circuit
8 PIN SMD Tape & Reel (-STR)
Note: All dimensions in millimeters
SM8021 Package Dimensions



Html Pages

1 2 3 4 5 6 7