Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DRV5053 Fiches technique(PDF) 17 Page - Texas Instruments

No de pièce DRV5053
Description  DRV5053 Analog-Bipolar Hall Effect Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

DRV5053 Fiches technique(HTML) 17 Page - Texas Instruments

Back Button DRV5053_15 Datasheet HTML 13Page - Texas Instruments DRV5053_15 Datasheet HTML 14Page - Texas Instruments DRV5053_15 Datasheet HTML 15Page - Texas Instruments DRV5053_15 Datasheet HTML 16Page - Texas Instruments DRV5053_15 Datasheet HTML 17Page - Texas Instruments DRV5053_15 Datasheet HTML 18Page - Texas Instruments DRV5053_15 Datasheet HTML 19Page - Texas Instruments DRV5053_15 Datasheet HTML 20Page - Texas Instruments DRV5053_15 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
31-Jan-2015
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
DRV5053CAQDBZR
ACTIVE
SOT-23
DBZ
3
3000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 125
+ALCA
DRV5053CAQDBZT
ACTIVE
SOT-23
DBZ
3
250
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 125
+ALCA
DRV5053CAQLPG
ACTIVE
TO-92
LPG
3
1000
Green (RoHS
& no Sb/Br)
CU SN
N / A for Pkg Type
-40 to 125
+ALCA
DRV5053CAQLPGM
ACTIVE
TO-92
LPG
3
3000
Green (RoHS
& no Sb/Br)
CU SN
N / A for Pkg Type
-40 to 125
+ALCA
DRV5053EAQDBZR
ACTIVE
SOT-23
DBZ
3
3000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 125
+ALEA
DRV5053EAQDBZT
ACTIVE
SOT-23
DBZ
3
250
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 125
+ALEA
DRV5053EAQLPG
ACTIVE
TO-92
LPG
3
1000
Green (RoHS
& no Sb/Br)
CU SN
N / A for Pkg Type
-40 to 125
+ALEA
DRV5053EAQLPGM
ACTIVE
TO-92
LPG
3
3000
Green (RoHS
& no Sb/Br)
CU SN
N / A for Pkg Type
-40 to 125
+ALEA
DRV5053OAQDBZR
ACTIVE
SOT-23
DBZ
3
3000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 125
+ALOA
DRV5053OAQDBZT
ACTIVE
SOT-23
DBZ
3
250
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 125
+ALOA
DRV5053OAQLPG
ACTIVE
TO-92
LPG
3
1000
Green (RoHS
& no Sb/Br)
CU SN
N / A for Pkg Type
-40 to 125
+ALOA
DRV5053OAQLPGM
ACTIVE
TO-92
LPG
3
3000
Green (RoHS
& no Sb/Br)
CU SN
N / A for Pkg Type
-40 to 125
+ALOA
DRV5053PAQDBZR
ACTIVE
SOT-23
DBZ
3
3000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 125
+ALPA
DRV5053PAQDBZT
ACTIVE
SOT-23
DBZ
3
250
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 125
+ALPA
DRV5053PAQLPG
ACTIVE
TO-92
LPG
3
1000
Green (RoHS
& no Sb/Br)
CU SN
N / A for Pkg Type
-40 to 125
+ALPA
DRV5053PAQLPGM
ACTIVE
TO-92
LPG
3
3000
Green (RoHS
& no Sb/Br)
CU SN
N / A for Pkg Type
-40 to 125
+ALPA
DRV5053RAQDBZR
ACTIVE
SOT-23
DBZ
3
3000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 125
+ALRA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24