| Moteur de recherche de fiches techniques de composants électroniques |
|
USL3633G-S08-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
USL3633G-S08-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 6 page ![]() UNISONIC TECHNOLOGIES CO., LTD USL3633 Preliminary LINEAR INTEGRATED CIRCUIT www.unisonic.com.tw 1 of 6 Copyright © 2015 Unisonic Technologies Co., Ltd QW-R103-097.b NON-ISOLATED BUCK OFFLINE LED DRIVER DESCRIPTION The UTC USL3633 is a high performance, high precision and low cost constant current LED driver for non-isolated buck application. The device operates in critical conduction mode and is suitable for 85V~265V universal input offline LED lighting. It operates in critical conduction mode, the output current does not change with the inductance and LED output voltage. The UTC USL3633 integrates a 600V power MOSFET. It can achieve excellent constant current performance with very few external components, so the system cost and size are minimized. The UTC USL3633 offers rich protection functions to improve the system reliability, including LED open circuit protection, LED short circuit protection, VCC under voltage protection, CS resistor short circuit protection and thermal regulation function. FEATURES * Critical conduction mode operation * Internal 600V Power MOSFET * Ultra low operating current * No auxiliary winding * ±5% LED output current accuracy * LED short protection * LED open protection * VCC under voltage protection * Current sensing resistor short protection * Thermal regulation function SOP-8 ORDERING INFORMATION Ordering Number Package Packing USL3633G-S08-R SOP-8 Tape Reel USL3633G-S08-R (1)Packing Type (2)Package Type (1) R: Tape Reel (2) S08: SOP-8 (3) G: Halogen Free and Lead Free (3)Green Package MARKING |
Numéro de pièce similaire - USL3633G-S08-R |
|
Description similaire - USL3633G-S08-R |