| Moteur de recherche de fiches techniques de composants électroniques |
|
UCD4049BG-P16-R Fiches technique(PDF) 3 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UCD4049BG-P16-R Fiches technique(HTML) 3 Page - Unisonic Technologies |
|
3 / 5 page ![]() UCD4049B Preliminary CMOS IC UNISONICTECHNOLOGIESCO.,LTD 3 of 5 www.unisonic.com.tw QW-R502-876.c ABSOLUTE MAXIMUM RATING (TA =25°C, unless otherwise specified) PARAMETER SYMBOL RATINGS UNIT Supply Voltage VCC -0.5 ~ 20 V Input Voltage VIN -0.5~VCC +0.5 V Output Voltage VOUT -0.5~VCC +0.5 V Storage Temperature TSTG -65~+150 °C Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. RECOMMENDED OPERATING CONDITIONS PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Supply Voltage VCC 3 15 V Operating Temprature TOPR -40 125 °C THERMAL DATA PARAMETER SYMBOL RATINGS UNIT Junction to Ambient SOP-16 θJA 73 °C/W TSSOP-16 108 °C/W ELECTRICAL CHARACTERISTICS(TA=25°С, unless otherwise specified) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT High-Level Input Voltage VIH VCC=5V, VO=0.5V 4.0 V VCC=10V, VO=1.0V 8.0 VCC=15V, VO=1.5V 12.5 Low-Level Input Voltage VIL VCC=5V, VO=4.5V 1.0 V VCC=10V, VO=9.0V 2.0 VCC=15V, VO=13.5V 2.5 High-Level Output Voltage VOH VCC=5V, No Load 4.95 5 V VCC=10V, No Load 9.95 10 VCC=15V, No Load 14.95 15 Low-Level Output Voltage VOL VCC=5V, No Load 0 0.05 V VCC=10V, No Load 0 0.05 VCC=15V, No Load 0 0.05 High-Level Output Current (Note) IOH VCC=4.5V, VO=0.4V 2.6 5.2 mA VCC=5V, VO=4.6V -0.65 -1.2 VCC=5V, VO=2.5V -2.1 -3.9 VCC=10V, VO=9.5V -1.65 -3.0 VCC=15V, VO=13.5V -4.3 -8.0 Low-Level Output Current (Note) IOL VCC=5V, VO=0.4V 3.2 6.4 VCC=10V, VO=0.5V 8.0 16.0 VCC=15V, VO=1.5V 24.0 48.0 Input Leakage Current II(LEAK) VCC=15V ,VIN = VCC or GND 0.1 µA Quiescent Supply Current IDD VCC=5V, VIN = VCC or VSS, IOUT = 0 0.02 1 µA VCC=10V, VIN = VCC or VSS, IOUT = 0 0.02 2 VCC=15V, VIN = VCC or VSS, IOUT = 0 0.02 4 VCC=20V, VIN = VCC or VSS, IOUT = 0 0.04 20 Note: IOL and IOH are tested one output at a time |