| Moteur de recherche de fiches techniques de composants électroniques |
|
MAX802SESA Fiches technique(PDF) 3 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX802SESA Fiches technique(HTML) 3 Page - Maxim Integrated Products |
|
3 / 12 page ![]() V 3.0V/3.3V Microprocessor Supervisory Circuits _______________________________________________________________________________________ 3 ELECTRICAL CHARACTERISTICS (continued) (VCC = 3.17V to 5.5V for the MAX690T/MAX704T/MAX80_T, VCC = 3.02V to 5.5V for the MAX690S/MAX704S/MAX80_S, VCC = 2.72V to 5.5V for the MAX690R/MAX704R/MAX80_R; VBATT = 3.6V; TA = TMIN to TMAX; unless otherwise noted. Typical values are at TA = +25˚C.) µA -10 10 RESET Output Leakage Current (Note 9) -1 1 0.17 0.3 VOL – P — F — O – , – R — E — S — E — T – Output Voltage 0.13 0.3 V 0.06 0.3 VOL – P — F — O – , – R — E — S — E — T – , RESET Output Voltage mV 65 25 V VBATT - 0.14 VBATT VBATT - 0.1 - 0.034 VOUT in Battery-Backup Mode µV 180 500 IOS – P — F — O – , – R — E — S — E — T – Output Short to GND Current (Note 4) V VCC VCC - 0.3 - 0.05 VOH – P — F — O – , – R — E — S — E — T – Output Voltage ms 140 200 280 tWP Reset Timeout Period 3.00 3.085 3.14 V 2.30 2.40 2.50 VSW Battery Switch Threshold, VCC Falling 3.00 3.075 3.15 3.00 3.085 3.17 3.00 3.075 3.12 UNITS MIN TYP MAX SYMBOL PARAMETER V 2.59 2.635 2.72 VRST Reset Threshold (Note 8) 2.55 2.625 2.70 2.55 2.635 2.72 2.59 2.625 2.70 2.88 2.935 3.02 2.85 2.925 3.00 2.85 2.935 3.02 2.88 2.925 3.00 V Battery Switch Threshold, VCC Rising (Note 7) VCC rising VCC falling VCC rising VCC falling VCC rising VCC falling VCC rising VCC falling VCC rising VCC falling VCC rising VCC falling VBATT = 0V, VCC = 1.2V, ISINK = 200µA, MAX690_E/M, MAX704_E/M, MAX80_ _E/M ISINK = 1.2mA; MAX690_/704_/802_/806_, VCC = VRST min; MAX804_/805_, VCC = VRST max VBATT - VCC, VSW > VCC > 1.75V (Note 5) IOUT = 250µA, VBATT = 2.3V VCC = 3.3V, VOH = 0V ISOURCE = 50µA VCC < 3.6V VBATT > VCC (Note 6) MAX690S/704S/805S CONDITIONS This value is identical to the reset threshold, VCC rising VBATT = 0V, VCC = VRST min; VRESET = 0V, VCC VBATT = 0V, VCC = 1.0V, ISINK = 40µA, MAX690_C, MAX704_C, MAX80_ _C MAX802R/804R/806S MAX690T/704T/805T MAX802T/804T/806T MAX690R/704R/805R MAX802S/804S/806S IOUT = 1mA, VBATT = 2.3V MAX804_E/M, MAX805_E/M MAX804_C, MAX805_C |