| Moteur de recherche de fiches techniques de composants électroniques |
|
PVT322APBF Fiches technique(PDF) 1 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
PVT322APBF Fiches technique(HTML) 1 Page - International Rectifier |
|
1 / 6 page ![]() (HEXFET is the registered trademark for International Rectifier Power MOSFETs) General Description The PVT322A Series Photovoltaic Relay is a dual- pole, normally open solid-state relay that can replace electromechanical relays in many applications. It utilizes International Rectifier’s HEXFET power MOSFET as the output switch, driven by an integrated circuit photovoltaic generator of novel construction. The output switch is controlled by radiation from a GaAlAs light emitting diode (LED) which is optically isolated from the photovoltaic generator. Series PVT322A Relays are packaged in an 8-pin, molded DIP package with either thru-hole or surface mount (gull-wing) terminals. It is available in standard plastic shipping tubes or on tape-and-reel. Please refer to Part Identification information opposite. Features HEXFET Power MOSFET output Bounce-free operation 4,000 VRMS I/O isolation Linear AC/DC operation Solid-State Reliability UL Recognized Applications On/Off Hook switch Tip and Ring Line switching General switching Part Identification PVT322APbF thru-hole PVT322ASPbF Surface-mount PVT322AS-TPbF Surface-mount, Tape and Reel Microelectronic Power IC HEXFET® Power MOSFET Photovoltaic Relay Dual Pole, Normally Open, 0-250V, 170mA AC/DC Series PVT322APbF 1 www.irf.com © 2015 International Rectifier Submit Datasheet Feedback June 02, 2015 |
Numéro de pièce similaire - PVT322APBF |
|
Description similaire - PVT322APBF |