Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FX929B Fiches technique(PDF) 30 Page - CML Microcircuits

No de pièce FX929B
Description  Flexible Operating Modes
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CMLMICRO [CML Microcircuits]
Site Internet  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX929B Fiches technique(HTML) 30 Page - CML Microcircuits

Back Button FX929B Datasheet HTML 26Page - CML Microcircuits FX929B Datasheet HTML 27Page - CML Microcircuits FX929B Datasheet HTML 28Page - CML Microcircuits FX929B Datasheet HTML 29Page - CML Microcircuits FX929B Datasheet HTML 30Page - CML Microcircuits FX929B Datasheet HTML 31Page - CML Microcircuits FX929B Datasheet HTML 32Page - CML Microcircuits FX929B Datasheet HTML 33Page - CML Microcircuits FX929B Datasheet HTML 34Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
4-Level FSK Modem Data Pump
FX929B
© 1997 Consumer Microcircuits Limited
30
D/929B/1
Figure 15a Input Signal to RRC Filter in
Tx Mode for TXIMP = 0 and 1
Figure 15b Tx Signal Eye TXIMP = 0
Figure 15c Tx Signal Eye TXIMP = 1
Note that setting TXIMP to '1' affects the Tx output signal level as shown in section 1.7.1 and the table below:
TXIMP = 0
TXIMP = 1
Nominal voltage difference between continuous '+3' and
continuous '-3' symbol outputs.
0.157 VDD
0.157 VDD
Nominal Vp-p for continuous '+3 +3 -3 -3..' symbol
pattern
0.20 VDD
0.22 VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48