Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CMX7241 Fiches technique(PDF) 21 Page - CML Microcircuits

No de pièce CMX7241
Description  Voice processing
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CMLMICRO [CML Microcircuits]
Site Internet  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX7241 Fiches technique(HTML) 21 Page - CML Microcircuits

Back Button CMX7241 Datasheet HTML 17Page - CML Microcircuits CMX7241 Datasheet HTML 18Page - CML Microcircuits CMX7241 Datasheet HTML 19Page - CML Microcircuits CMX7241 Datasheet HTML 20Page - CML Microcircuits CMX7241 Datasheet HTML 21Page - CML Microcircuits CMX7241 Datasheet HTML 22Page - CML Microcircuits CMX7241 Datasheet HTML 23Page - CML Microcircuits CMX7241 Datasheet HTML 24Page - CML Microcircuits CMX7241 Datasheet HTML 25Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 94 page
background image
PMR Common Platform Processor
CMX7241/CMX7341
 2015 CML Microsystems Plc
Page 21
D/7241_7341_FI1.x/4
Analogue Features
5.3
The device provides full audio/voice processing to suit the requirements of EN 300 086 and TIA 603D as
well as comprehensive signalling to suit professional radio environments:
Selectable pre-emphasis and de-emphasis
Selectable audio equaliser in mic and speaker paths
Selectable voice compander
Selectable frequency inversion scrambling
Tx limiter and splatter filter
Mic AGC
Selectable sub-audio rejection filter
CTCSS and DCS generator and decoder
Support for external CTCSS/DCS generation and decoding with selectable filters
1200/2400 bps FFSK modem for MPT1327
ADSW and CCSW reporting in MPT1327 mode
16-tone Selcall generator and decoder
DTMF generator and decoder
NOAA WAT and NWR decoder
Tone generator
Auxiliary Functions
5.4
Automatic Tx sequencer simplifies host control
RAMDAC operation
TXENA and RXENA hardware signals
Two-point or I/Q modulation outputs
Hard or soft data output options
Two programmable system clock outputs
Two auxiliary ADCs with four selectable external input paths
Four auxiliary DACs, one with built-in programmable RAMDAC
Interface
5.5
Optimised C-BUS (4-wire, high-speed synchronous serial command/data bus) interface to host for
control and data transfer
Open drain IRQ to host
Auxiliary SPI/C-BUS interface to CMX6x8/CMX7262 or CMX994 with pass-through mode from
host
Auxiliary SPI-Codec bus interface for PCM speech codec to support third-party vocoders, e.g.
AMBE+2
Two GPIO pins
C-BUS (host) boot mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com