Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AME8570M Fiches technique(PDF) 21 Page - Analog Microelectronics

No de pièce AME8570M
Description  Manual Reset Input Option
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AME [Analog Microelectronics]
Site Internet  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8570M Fiches technique(HTML) 21 Page - Analog Microelectronics

Back Button AME8570M Datasheet HTML 17Page - Analog Microelectronics AME8570M Datasheet HTML 18Page - Analog Microelectronics AME8570M Datasheet HTML 19Page - Analog Microelectronics AME8570M Datasheet HTML 20Page - Analog Microelectronics AME8570M Datasheet HTML 21Page - Analog Microelectronics AME8570M Datasheet HTML 22Page - Analog Microelectronics AME8570M Datasheet HTML 23Page - Analog Microelectronics AME8570M Datasheet HTML 24Page - Analog Microelectronics AME8570M Datasheet HTML 25Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
AME
AME8570M
µµµµµProcessor Supervisory
Rev. A.14
21
n
Package Dimension (Contd.)
SOT-25
Top View
Side View
D
S1
e
Front View
b
PIN 1
n
Lead Pattern Drawing
0.70 BSC
0.95 BSC
0.95 BSC
1.90 BSC
Note:
1. Lead pattern unit description:
BSC: Basic. Represents theoretical exact dimension or
dimension target.
2. Dimensions in Millimeters.
3. General tolerance +0.05mm unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25