| Moteur de recherche de fiches techniques de composants électroniques |
|
MAX709SCSA Fiches technique(PDF) 5 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX709SCSA Fiches technique(HTML) 5 Page - Maxim Integrated Products |
|
5 / 8 page ![]() Power-Supply Monitor with Reset _______________________________________________________________________________________ 5 Interfacing to µPs with Bidirectional Reset Pins Microprocessors with bidirectional reset pins (such as the Motorola 68HC11 series) can contend with the MAX709 reset output. If, for example the MAX709 RESET output is asserted high and the µP wants to pull it low, indeterminate logic levels may result. To correct this, connect a 4.7k Ω resistor between the MAX709 RESET output and the µP reset I/O (see Figure 3). Buffer the MAX709 RESET output to other system com- ponents. R1 VCC GND MAX709 RESET Figure 2. RESET Valid to VCC = Ground Circuit 4.7k VCC GND RESET MAX709 VCC GND µP BUFFER BUFFERED RESET TO OTHER SYSTEM COMPONENTS RESET Figure 3. Interfacing to µPs with Bidirectional Reset I/O |