Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM9044V/NOPB Fiches technique(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM9044V/NOPB
Description  Lambda Sensor Interface Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM9044V/NOPB Fiches technique(HTML) 13 Page - Texas Instruments

Back Button LM9044V/NOPB Datasheet HTML 6Page - Texas Instruments LM9044V/NOPB Datasheet HTML 7Page - Texas Instruments LM9044V/NOPB Datasheet HTML 8Page - Texas Instruments LM9044V/NOPB Datasheet HTML 9Page - Texas Instruments LM9044V/NOPB Datasheet HTML 10Page - Texas Instruments LM9044V/NOPB Datasheet HTML 11Page - Texas Instruments LM9044V/NOPB Datasheet HTML 12Page - Texas Instruments LM9044V/NOPB Datasheet HTML 13Page - Texas Instruments LM9044V/NOPB Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
MECHANICAL DATA
MPLC004A – OCTOBER 1994
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
FN (S-PQCC-J**)
PLASTIC J-LEADED CHIP CARRIER
4040005 / B 03/95
20 PIN SHOWN
0.026 (0,66)
0.032 (0,81)
D2 / E2
0.020 (0,51) MIN
0.180 (4,57) MAX
0.120 (3,05)
0.090 (2,29)
D2 / E2
0.013 (0,33)
0.021 (0,53)
Seating Plane
MAX
D2 / E2
0.219 (5,56)
0.169 (4,29)
0.319 (8,10)
0.469 (11,91)
0.569 (14,45)
0.369 (9,37)
MAX
0.356 (9,04)
0.456 (11,58)
0.656 (16,66)
0.008 (0,20) NOM
1.158 (29,41)
0.958 (24,33)
0.756 (19,20)
0.191 (4,85)
0.141 (3,58)
MIN
0.441 (11,20)
0.541 (13,74)
0.291 (7,39)
0.341 (8,66)
18
19
14
13
D
D1
1
3
9
E1
E
4
8
MIN
MAX
MIN
PINS
**
20
28
44
0.385 (9,78)
0.485 (12,32)
0.685 (17,40)
52
68
84
1.185 (30,10)
0.985 (25,02)
0.785 (19,94)
D/E
0.395 (10,03)
0.495 (12,57)
1.195 (30,35)
0.995 (25,27)
0.695 (17,65)
0.795 (20,19)
NO. OF
D1 / E1
0.350 (8,89)
0.450 (11,43)
1.150 (29,21)
0.950 (24,13)
0.650 (16,51)
0.750 (19,05)
0.004 (0,10)
M
0.007 (0,18)
0.050 (1,27)
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. Falls within JEDEC MS-018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14