Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HV200F04 Fiches technique(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

No de pièce HV200F04
Description  High speed switching
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Site Internet  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

HV200F04 Fiches technique(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  HV200F04 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mark
4.0kV 200mA HIGH VOLTAGE DIODE
Maximum Reverse Recovery Time
Trr
at 25°C
HV200F04
Features
High speed switching
High Current
High surge resisitivity for CRT discharge
High reliability design
High Voltage
Applications
Maximum Ratings and Characteristics
Absolute Maximum Ratings
Items
Repetitive Peak Renerse Voltage
Average Output Current
Suege Current
Junction Temperature
Allowable Operation Case Temperature
Symbols
VRRM
IO
IFSM
Tj
Tc
Condition
Ta=25°C,Resistive Load
200
125
125
-40 to +125
Units
kV
mA
Apeak
°C
°C
°C
Electrical Characteristics (Ta=25°C Unless otherwise specified )
Items
Maximum Forward Voltage Drop
Maximum Reverse Current
Symbols
VF
IR1
IR2
Conditions
at 25°C,VR
at 100°C,V
Units
V
uA
uA
Junction Capacitance
Cj
at 25°C,VR
Storage Temperature
Tstg
is high reliability resin molded type high voltage
diode in small size package which is sealed a multilayed
mesa type silicon chip by epoxy resin.
Outline Drawings : mm
HV200F04
Cathode Mark
25 min.
25 min.
8.0
o 3.0
o 0.6
Cathode Mark
Lot No.
GETE ELECTRONICS CO.,LTD
Http://www.getedz.com
E-mail:sales@getedz.com
2014
=0V,f=1MHz
15
HV200F04
Type
HV200F04
13
15
2.0
10
4.0
X light Power supply
Laser
Voltage doubler circuit
Microwave emission power
pF
HVGT
=VRRM
R
=VRRM
100
nS
at 25°C,IF =IF(AV)
HV200F04
DO-308


Numéro de pièce similaire - HV200F04

FabricantNo de pièceFiches techniqueDescription
logo
GETAI ELECTRONICS DEVIC...
HV200F04 GETEDZ-HV200F04 Datasheet
515Kb / 2P
High Voltage Silicon Rectifier Diode
HV200F042CL2FD GETEDZ-HV200F042CL2FD Datasheet
66Kb / 1P
4.0kV 200mA HIGH VOLTAGE DIODE
HV200F04 GETEDZ-HV200F04_1 Datasheet
515Kb / 2P
High Voltage Silicon Rectifier Diode
HV200F04 GETEDZ-HV200F04_17 Datasheet
460Kb / 1P
200mA 4.0kV 100nS-- High Voltage Diodes
More results

Description similaire - HV200F04

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
SGF40N60 FAIRCHILD-SGF40N60 Datasheet
357Kb / 8P
High Speed Switching
logo
KEC(Korea Electronics)
KDR552F KEC-KDR552F Datasheet
28Kb / 2P
HIGH SPEED SWITCHING
KGT15N120NDS KEC-KGT15N120NDS Datasheet
1Mb / 7P
High speed switching
logo
Toshiba Semiconductor
CES520 TOSHIBA-CES520 Datasheet
124Kb / 5P
High-Speed Switching
CUS08F30 TOSHIBA-CUS08F30 Datasheet
127Kb / 5P
High-Speed Switching
logo
Fairchild Semiconductor
FGAF40N60UFTU FAIRCHILD-FGAF40N60UFTU Datasheet
288Kb / 7P
High Speed Switching
FGL40N120ANTU FAIRCHILD-FGL40N120ANTU Datasheet
543Kb / 7P
High speed switching
logo
Advanced Power Electron...
AP30G100W A-POWER-AP30G100W_14 Datasheet
220Kb / 4P
High speed switching
AP30G120BSW-HF A-POWER-AP30G120BSW-HF_14 Datasheet
104Kb / 4P
High Speed Switching
AP30G120SW A-POWER-AP30G120SW_14 Datasheet
93Kb / 3P
High Speed Switching
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com