Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAX802SCPA Fiches technique(PDF) 7 Page - Maxim Integrated Products

No de pièce MAX802SCPA
Description  3.0V/3.3V Microprocessor Supervisory Circuits
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXIM [Maxim Integrated Products]
Site Internet  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX802SCPA Fiches technique(HTML) 7 Page - Maxim Integrated Products

Back Button MAX802SCPA Datasheet HTML 3Page - Maxim Integrated Products MAX802SCPA Datasheet HTML 4Page - Maxim Integrated Products MAX802SCPA Datasheet HTML 5Page - Maxim Integrated Products MAX802SCPA Datasheet HTML 6Page - Maxim Integrated Products MAX802SCPA Datasheet HTML 7Page - Maxim Integrated Products MAX802SCPA Datasheet HTML 8Page - Maxim Integrated Products MAX802SCPA Datasheet HTML 9Page - Maxim Integrated Products MAX802SCPA Datasheet HTML 10Page - Maxim Integrated Products MAX802SCPA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Watchdog Input
(MAX690_/802_/804_/805_)
The watchdog circuit monitors the µP’s activity. If the µP
does not toggle the watchdog input (WDI) within 1.6sec,
a reset pulse is triggered. The internal 1.6sec timer is
cleared by either a reset pulse or by a transition (low-to-
high or high-to-low) at WDI. If WDI is tied high or low, a
–
R
—
E
—
S
—
E
—
T
–
pulse is triggered every 1.8sec (tWD plus tRS).
As long as reset is asserted, the timer remains cleared
and does not count. As soon as reset is deasserted,
the timer starts counting. Unlike the 5V MAX690 family,
the watchdog function cannot be disabled.
Power-Fail Comparator
The PFI input is compared to an internal reference. If
PFI is less than VPFT,
–
P
—
F
—
O
–
goes low. The power-fail
comparator is intended for use as an undervoltage
detector to signal a failing power supply. However, the
comparator does not need to be dedicated to this
function because it is completely separate from the rest
of the circuitry.
The power-fail comparator turns off and
–
P
—
F
—
O
–
goes low
when VCC falls below VSW on power-down. The power-
fail comparator turns on as VCC crosses VSW on
power-up. If the comparator is not used, connect PFI to
ground and leave
–
P
—
F
—
O
–
unconnected.
–
P
—
F
—
O
–
may be
connected to
–
M
—
R
–
on the MAX704_/MAX806_ so that a
low voltage on PFI will generate a reset (Figure 5b).
3.0V/3.3V Microprocessor Supervisory Circuits
_______________________________________________________________________________________
7
V
BATT
RESET
(RESET)
WDI
VCC
MR
BATTERY
SWITCHOVER
COMPARATOR
RESET
COMPARATOR
RESET
GENERATOR
WATCHDOG
TIMER
BATTERY
SWITCHOVER
CIRCUITRY
MAX690T/S/R
MAX704T/S/R
MAX802T/S/R
MAX804T/S/R
MAX805T/S/R
MAX806T/S/R
PFO
VOUT
PFI
VPFT
1.237V
1.237V
**
*
*
POWER-FAIL
COMPARATOR
* MAX690T/S/R, MAX802T/S/R, MAX804T/S/R, MAX805T/S/R ONLY
** MAX704T/S/R, MAX806T/S/R ONLY
( ) MAX804T/S/R, MAX805T/S/R ONLY
VBATT = 3.6V
3.0V OR 3.3V
VSW
tWP
RESET
PFO
VCC
( ) MAX804T/S/R, MAX805T/S/R ONLY, RESET EXTERNALLY PULLED UP TO VCC
VOUT
VSW
(RESET)
3.0V OR 3.3V
3.0V OR 3.3V
0V
VRST
V
BATT = PFI = 3.6V
IOUT = 0mA
Figure 1. Block Diagram
Figure 2. Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com