| Moteur de recherche de fiches techniques de composants électroniques |
|
MAX686EEE Fiches technique(PDF) 4 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX686EEE Fiches technique(HTML) 4 Page - Maxim Integrated Products |
|
4 / 16 page ![]() DAC-Controlled Boost/Inverter LCD Bias Supply with Internal Switch 4 _______________________________________________________________________________________ ISET = VCC A 0.4 0.6 SHDN = GND ILX LX Switch Current Limit POL = GND, VFB = 1.3V, IDACOUT = 0mA ISET = GND VCC = VDD = 5V, ILX = 100mA 0.2 0.3 Ω 1.2 VLX = 28V Rising or falling µA 1.5 CONDITIONS ILXLEAK LX Leakage Current RLX LX On-Resistance VCC = VDD = 3.3V, ILX = 100mA 1.6 µs 7.5 12.5 tON Maximum LX On-Time POL = GND, VFB > 1.2V µs 0.7 1.3 tOFF Minimum LX Off-Time POL = VCC, VFB < 0.15V 2.8 4.2 POL = GND, VFB < 0.8V 3.8 6.2 POL = VCC, VFB > 0.4V 3.8 6.2 µA 4 ISHDN Shutdown Current µA 125 ICC + IDD V 2.7 5.5 VCC, VDD Supply Voltage (Note 1) Supply Current V 28 VLX LX Voltage Range V 2.10 2.65 VLOCK VCC Undervoltage Lockout UNITS MIN TYP MAX SYMBOL PARAMETER ELECTRICAL CHARACTERISTICS (VCC = VDD = VIN = +5V, CREF = 0.1µF, TA = -40°C to +85°C, unless otherwise noted.) (Note 4) Note 1: The MAX686 requires a supply voltage at VCC = VDD between +2.7V and +5.5V; however, the voltage that supplies the inductor can vary from +0.8V to +27.5V, depending on circuit operating conditions. Note 2: The DAC output is set to its midpoint value at power-on. Note 3: The DAC setting is guaranteed to remain valid as long as VCC is greater than the VCC DAC Reset Threshold. Note 4: Specifications to -40°C are guaranteed by design, not production tested. VCC = VDD = 2.7V to 5.5V, no load V 1.22 1.28 VREF REF Output Voltage IREF = 0µA to 25µA, CREF = 0.1µF mV 10 REF Load Regulation POL = GND V 1.22 1.28 VFB FB Set Point POL = VCC -15 15 nA ±50 IFB FB Input Bias Current VPOK rising V 1.05 1.20 VPOK POK Threshold nA ±50 IPOK POK Input Current V LCDON = 0.4V, VPOK = 1.25V mA 2 ILCDON LCDON Sink Current mV Voltage applied to L1 V 0.8 VOUT VIN Input Voltage -50µA < IDACOUT < 0µA V VREF - VREF + 0.02 0.02 VFS Full-Scale Output Voltage 0µA < IDACOUT < 20µA mV 0 15 VZS Zero-Scale Output Voltage Bits 6 Resolution Mid-scale = VREF x 32/63 % -3 3 MSA Mid-Scale Accuracy 2.7V < VCC = VDD < 5.5V V 0.7 VIL Input Low Level 2.7V < VCC = VDD < 5.5V V 2.4 VIH Input High Level µA ±1 IBIAS Input Bias Current LX REFERENCE AND FB INPUT POWER OK COMPARATOR, LCDON OUTPUT LOGIC INPUTS: POL, ISET, UP, DN, SHDN DAC OUTPUT (Notes 2, 3) |