Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

US4651SG-S08-R Fiches technique(PDF) 6 Page - Unisonic Technologies

No de pièce US4651SG-S08-R
Description  LOW COST POWER-SAVING MODE PWM CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US4651SG-S08-R Fiches technique(HTML) 6 Page - Unisonic Technologies

  US4651SG-S08-R Datasheet HTML 1Page - Unisonic Technologies US4651SG-S08-R Datasheet HTML 2Page - Unisonic Technologies US4651SG-S08-R Datasheet HTML 3Page - Unisonic Technologies US4651SG-S08-R Datasheet HTML 4Page - Unisonic Technologies US4651SG-S08-R Datasheet HTML 5Page - Unisonic Technologies US4651SG-S08-R Datasheet HTML 6Page - Unisonic Technologies US4651SG-S08-R Datasheet HTML 7Page - Unisonic Technologies US4651SG-S08-R Datasheet HTML 8Page - Unisonic Technologies US4651SG-S08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
US4651S
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 9
www.unisonic.com.tw
QW-R129-003.B
OPERATION DESCRIPTION (Cont.)
Protection Controls
The IC takes on more protection functions such as OVP, OLP and OTP etc. In case of those failure modes for
continual blanking time, the driver is shut down. Driver is reset after failure is eliminated.
OVP
The OVP will shut down the switching of the power MOSFET whenever VDD >VOVP. The OVP event as followed
Fig.3.
Fig.3 OVP case
Fig.4 OLP case
OLP
OLP will shut down driver when VFB> VOLP for continual a blanking time. The OLP event as followed Fig.4.
OTP
OTP will shut down driver when IC temperature >T (THR).
PCB Layout Note
Noise from the current sense or the control signal can cause significant pulse width jitter in
continuous-conduction mode, and slope compensation helps alleviate these problems. Good placement and layout
practices should be followed. Avoiding long PCB traces and component leads, locating compensation and filter
components near the UTC US4651S, and increasing the power MOS gate resistance is advised.



Html Pages

1 2 3 4 5 6 7 8 9