| Moteur de recherche de fiches techniques de composants électroniques |
|
UPSRB01BG-AG6-R Fiches technique(PDF) 5 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UPSRB01BG-AG6-R Fiches technique(HTML) 5 Page - Unisonic Technologies |
|
5 / 7 page ![]() UPSRB01B Preliminary LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 5 of 7 www.unisonic.com.tw QW-R103-096.a OPERATION DESCRIPTION (Cont.) Figure3. Adjustable output power by changing RCS Figure4. Secondary current waveform In CC operation, the CC loop control function of UTC UPSRB01B will keep a fixed proportion between secondary inductance de-magnetization time (Tdemag) and switching cycle time (Tsw). The fixed proportion is 2 1 = T T SW demag (2) Thus the output current is given by: PK S P SW demag PK S P out I × N N × 4 1 = T T × I × N N × 2 1 = I (3) Current Sensing and Leading Edge Blanking Cycle-by-cycle current limiting is offered in UTC UPSRB01B. The switch current is detected by a sense resistor into the CS pin. When the power switch is turned on, a turn-on spike will occur on this resistor. A 500ns leading-edge blanking is built in to avoid false-termination of the switching pulse so that the external RC filtering is no longer needed. |