| Moteur de recherche de fiches techniques de composants électroniques |
|
UPSRB01AG-AG6-R Fiches technique(PDF) 6 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UPSRB01AG-AG6-R Fiches technique(HTML) 6 Page - Unisonic Technologies |
|
6 / 7 page ![]() UPSRB01A Preliminary LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 6 of 7 www.unisonic.com.tw QW-R103-095.a OPERATION DESCRIPTION (Cont.) Drive BJT The driver is a push pull stage with the supply voltage VDD. It provides the driving current for the external power bipolar transistor. The output signal is current-limited to IOUT(SOURCE). Protection Control Good power supply system reliability is achieved with its comprehensive protection features including output over-voltage protection, VDD over voltage protection, feedback loop open protection, Cycle-by-cycle current limiting, short circuit protection, leading edge blanking and UVLO, etc. VDD is supplied by transformer auxiliary winding output. The output of UTC UPSRB01A is shutdown when VDD drops below VTH(OFF) and the power converter enters power on start-up sequence thereafter. |