Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M35046-059FP Fiches technique(PDF) 26 Page - Mitsubishi Electric Semiconductor

No de pièce M35046-059FP
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35046-059FP Fiches technique(HTML) 26 Page - Mitsubishi Electric Semiconductor

Back Button M35046-059FP Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M35046-059FP Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M35046-059FP Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M35046-059FP Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M35046-059FP Datasheet HTML 26Page - Mitsubishi Electric Semiconductor M35046-059FP Datasheet HTML 27Page - Mitsubishi Electric Semiconductor M35046-059FP Datasheet HTML 28Page - Mitsubishi Electric Semiconductor M35046-059FP Datasheet HTML 29Page - Mitsubishi Electric Semiconductor M35046-059FP Datasheet HTML 30Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
MITSUBISHI MICROCOMPUTERS
M35046-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
26
NOTE FOR SUPPLYING POWER
__
Timing of power supplying to AC pin
The internal circuit of M35046-XXXSP/FP is reset when the level of
__
the auto clear input pin AC is “L”. This pin in hysteresis input with the
__
pull-up resistor. The timing about power supplying of AC pin is shown
in Figure 11.
Timing of power supplying to VDD1 and VDD2.
Supply power to VDD1 and VDD2 at the same time.
DATA REQUIRED FOR MASK ROM ORDERING
Please send the following data for mask orders.
(1) M35046-XXXSP/FP mask ROM order confirmation form
(2) 20P4B mask specification form
(3) 20P2Q-A mask specification from
(4) ROM data (EPROM 3 sets)
(5) Floppy disks containing the character font generating program
+ character data
Supply voltage
VAC
(AC pin input voltage)
0.8
× VDD
0.2
× VDD
tW
tS
VDD
Time t[s]
more than 1ms
Voltage
[V]
After supplying the power (VDD and VSS) to M35046-XXXSP/FP and
the supply voltage becomes more than 0.8
× VDD, it needs to keep
__
VIL time; tw of the AC pin for more than 1ms.
__
Start inputting from microcomputer after AC pin supply voltage
becomes more than 0.8
× VDD and keeping 200ms wait time.
PRECAUTION FOR USE
Notes on noise and latch-up
In order to avoid noise and latch-up, connect a bypass capacitor
(
≈0.1µF) directly between the VDD1 pin and VSS pin, and the VDD2 pin
and VSS pin using a heavy wire.
Fig. 11
__
Timing of power supplying to AC pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40