Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRS21571DSPBF Fiches technique(PDF) 21 Page - International Rectifier

No de pièce IRS21571DSPBF
Description  FULLY INTEGRATED BALLAST CONTROL IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRS21571DSPBF Fiches technique(HTML) 21 Page - International Rectifier

Back Button IRS21571DSPBF_15 Datasheet HTML 17Page - International Rectifier IRS21571DSPBF_15 Datasheet HTML 18Page - International Rectifier IRS21571DSPBF_15 Datasheet HTML 19Page - International Rectifier IRS21571DSPBF_15 Datasheet HTML 20Page - International Rectifier IRS21571DSPBF_15 Datasheet HTML 21Page - International Rectifier IRS21571DSPBF_15 Datasheet HTML 22Page - International Rectifier IRS21571DSPBF_15 Datasheet HTML 23Page - International Rectifier IRS21571DSPBF_15 Datasheet HTML 24Page - International Rectifier IRS21571DSPBF_15 Datasheet HTML 25Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
IRS21571D
www.irf.com
© 2008 International Rectifier
21
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VDC
CPH
RPH
RT
RUN
CT
DT
OC
LO
COM
VCC
VB
VS
HO
SD
CS
+ V
BUS
+ rectified
AC Line
V
BUS return
C
BS
D
BOOT
R
Supply
C
VCC
R
CS
L
RES
C
RES
R
GHS
R
GLS
C
BLOCK
C
SNUBBER
R4
R3
R5
C2
D1
D2
Figure 12: Lamp presence detection circuit
connection (shaded area)
When the SD pin exceeds 2.0V (approximately 150mV of hysterisis is included to increase noise immunity),
signaling either a lamp fault or lamp removal, the oscillator is disabled, both gate driver outputs are pulled low,
and the chip is put into the micropower mode. Since a lamp fault would normally lead to a lamp exchange, when
a new lamp is inserted into the fixture, the SD pin would be pulled back to near the ground potential. Under these
conditions a reset signal would restart the chip from the beginning of the control sequence, as shown in the timing
diagram in Figure 13.
CT
4
SD
2
CPH
8
LO
15
HO-VS
15
Restart
RUN mode
SD mode
Figure 13: SD pin fault and auto restart
Thus, for a lamp removal and replacement, the ballast automatically restarts the lamp in the proper manner,
maximizing lamp life and minimizing stress on the power MOSFETs or IGBTs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com