| Moteur de recherche de fiches techniques de composants électroniques |
|
TSI721 Fiches technique(PDF) 13 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
TSI721 Fiches technique(HTML) 13 Page - Integrated Device Technology |
|
13 / 68 page ![]() 1. Device Overview > Features Tsi721 Datasheet 13 May 5, 2014 Formal Status This document is confidential and is subject to an NDA. Integrated Device Technology • Round-robin scheduling among DMA channels • DMA descriptors for all channels reside on PCIe side • Scatter-and-gather with descriptor list • Supports DMA strides • Supports up to 64 MB data for a single descriptor • Supports both read and write descriptors per DMA channel • Dynamic descriptor chaining • Flexible addressing modes — Linear addressing — Constant addressing • Descriptor prefetch • 32 outstanding PCIe requests to root complex • 64 outstanding S-RIO NREAD/maintenance read requests to S-RIO network • 64 outstanding S-RIO NWRITE_R/maintenance write requests to S-RIO network • Supports the following S-RIO transactions: — NREAD —NWRITE —SWRITE —NWRITE_R — Maintenance read — Maintenance write 1.2.6 Miscellaneous Features •I2C interface supports the following: — As a slave, being read/written by an external master during normal operations — As a master, reading external EEPROM during boot load — As a master, reading/writing other external devices during normal operations • JTAG 1149.1, 1149.6 (AC JTAG) • 16 GPIO pins |