| Moteur de recherche de fiches techniques de composants électroniques |
|
MAX6325ESA Fiches technique(PDF) 3 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX6325ESA Fiches technique(HTML) 3 Page - Maxim Integrated Products |
|
3 / 12 page ![]() 1ppm/°C, Low-Noise, +2.5V/+4.096V/+5V Voltage References _______________________________________________________________________________________ 3 (Note 4) V 4.095 4.096 4.097 VOUT Output Voltage +25°C 20 ppm Temperature Hysteresis C 0.5 1.0 MAX6341 Output Voltage Temperature Coefficient (Note 1) TCVOUT E 0.75 1.5 ppm/°C +25°C +25°C 10 18 MAX6341C_A MAX6341E_A CONDITIONS 30 ppm/ 1000h 8V ≤ VIN ≤ 10V Long-Term Stability ∆VOUT / t +25°C Line Regulation (Note 2) ∆VOUT / ∆VIN ppm/V Figure 1 0.1Hz ≤ f ≤ 10Hz 10Hz ≤ f ≤ 1kHz V 8 36 VIN Input Voltage Range +25°C 1.9 2.9 IIN C, E, M 3.2 mA Trim-Adjustment Range UNITS MIN TYP MAX SYMBOL PARAMETER ∆VOUT C, E, M ±24 ±40 mV 2.4 µVp-p Output Noise Voltage (Note 3) en +25°C 2.0 4.0 µVRMS C, E, M TA ELECTRICAL CHARACTERISTICS—MAX6341 (VIN = 10V, IOUT = 0mA, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) M 1.0 2.5 MAX6341MJA To ±0.01% of final value Turn-On Settling Time tON +25°C 8 µs C 30 E 35 M 45 +25°C 2 5 10V ≤ VIN ≤ 36V C 7 E 8 M 10 Supply Current C 1 6 E 1 7 M 3 9 C 1 6 E 1 7 M 7 18 +25°C Sourcing: 0mA ≤ IOUT ≤ 15mA Sinking: -15mA ≤ IOUT ≤ 0mA ∆VOUT / ∆IOUT Load Regulation (Note 2) ppm/mA |