Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC1103G-S08-R Fiches technique(PDF) 8 Page - Unisonic Technologies

No de pièce UC1103G-S08-R
Description  HIGH PRECISION CC/CV PRIMARY SIDE SWITCHING REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC1103G-S08-R Fiches technique(HTML) 8 Page - Unisonic Technologies

  UC1103G-S08-R Datasheet HTML 1Page - Unisonic Technologies UC1103G-S08-R Datasheet HTML 2Page - Unisonic Technologies UC1103G-S08-R Datasheet HTML 3Page - Unisonic Technologies UC1103G-S08-R Datasheet HTML 4Page - Unisonic Technologies UC1103G-S08-R Datasheet HTML 5Page - Unisonic Technologies UC1103G-S08-R Datasheet HTML 6Page - Unisonic Technologies UC1103G-S08-R Datasheet HTML 7Page - Unisonic Technologies UC1103G-S08-R Datasheet HTML 8Page - Unisonic Technologies UC1103G-S08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
UC1103
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
8 of 9
www.unisonic.com.tw
QW-R502-961.d
OPERATION DESCRIPTION(Cont.)
Gate Output
The UTC UC1103 output stage is a fast totem-pole gate driver. Cross conduction has been avoided to minimize
heat dissipation, increase efficiency, and enhance reliability. The output driver is clamped at 15V to protect power
MOSFET transistors against undesired over-voltage gate signals.
Protection Control
Good power supply system reliability is achieved with its comprehensive protection features including VDD
over-voltage protection, VDD Clamp, GATE Clamp, Power on soft start, Cycle-by-cycle current limiting, short circuit
protection, leading edge blanking, OTP and UVLO, etc.
VDD is supplied by transformer auxiliary winding output. The output of UTC UC1103 is shutdown when VDD drops
below VTH(OFF) and the power converter enters power on start-up sequence thereafter.



Html Pages

1 2 3 4 5 6 7 8 9