Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L16B45G-S24-R Fiches technique(PDF) 9 Page - Unisonic Technologies

No de pièce L16B45G-S24-R
Description  CMOS IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L16B45G-S24-R Fiches technique(HTML) 9 Page - Unisonic Technologies

Back Button L16B45G-S24-R Datasheet HTML 3Page - Unisonic Technologies L16B45G-S24-R Datasheet HTML 4Page - Unisonic Technologies L16B45G-S24-R Datasheet HTML 5Page - Unisonic Technologies L16B45G-S24-R Datasheet HTML 6Page - Unisonic Technologies L16B45G-S24-R Datasheet HTML 7Page - Unisonic Technologies L16B45G-S24-R Datasheet HTML 8Page - Unisonic Technologies L16B45G-S24-R Datasheet HTML 9Page - Unisonic Technologies L16B45G-S24-R Datasheet HTML 10Page - Unisonic Technologies L16B45G-S24-R Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
L16B45
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
9 of 11
www.unisonic.com.tw
QW-R102-059.c
TIMING DIAGRAM
N=0
1
2
3
4
5
6
7
8
9
10
11
12
13
14 15
D14
D15
D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0
SDI
CLK
LE
OE
OUT0
OUT1
OUT2
OUT3
OUT15
SDO
don’t care
D0
D1
D2
D15
D15
OFF
ON
OFF
ON
OFF
ON
OFF
ON
OFF
ON
TRUTH TABLE
CLK
LE
OE
SDI
OUT0 … OUT7 … OUT15
SDO
H
L
Dn
n
D ……
n-7
D
….
n-15
D
Dn-15
L
L
Dn+1
No Change
Dn-14
H
L
Dn+2
n+2
D
…… n-5
D
….
n-13
D
Dn-13
X
L
Dn+3
n+2
D
…… n-5
D
….
n-13
D
Dn-13
X
H
Dn+3
Off
Dn-13



Html Pages

1 2 3 4 5 6 7 8 9 10 11