Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

51494G-S16-R Fiches technique(PDF) 2 Page - Unisonic Technologies

No de pièce 51494G-S16-R
Description  LINEAR INTEGRATED CIRCUIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

51494G-S16-R Fiches technique(HTML) 2 Page - Unisonic Technologies

  51494G-S16-R Datasheet HTML 1Page - Unisonic Technologies 51494G-S16-R Datasheet HTML 2Page - Unisonic Technologies 51494G-S16-R Datasheet HTML 3Page - Unisonic Technologies 51494G-S16-R Datasheet HTML 4Page - Unisonic Technologies 51494G-S16-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
51494
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R103-005.Ba
PIN ASSIGNMENT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
EA1+
EA1-
EA0
DT
CT
RT
GND
C1
GND
CPG
C2
VCC
P.G.
VREF
EA2-
EA2+
PIN
NAME
FUNCTION
1
EA1+
Error amplifier noninverting input, same as pin 1 of 494
2
EA1-
Error amplifier inverting input, same as pin 2 of 494
3
EA0
Error amplifier output and feedback, same as pin 3 of 494
4
DT
Dead time control input, same as pin 4 of 494
5
CT
Connect capacitor to oscillator circuit for operating frequency, same as pin 5 of 494
6
RT
Connect resistor to oscillator circuit for operating frequency, same as pin 6 of 494
7
GND
Ground terminal of IC, same as pin 7 of 494
8
C1
Collector of output transistor one, same as pin 8 of 494
9
GND
Ground terminal of IC
10
CPG
Terminal for capacitor to determine power good delay time
11
C2
Collector of output transistor two, same as pin 11 of 494
12
VCC
Supply voltage, same as pin 12 of 494
13
P.G.
Output for power good signal
14
VREF
Reference voltage output, same as pin 14 of 494
15
EA2-
Error amplifier inverting input, same as pin 15 of 494
16
EA+
Error amplifier noninverting input, same as pin 16 of 494



Html Pages

1 2 3 4 5