| Moteur de recherche de fiches techniques de composants électroniques |
|
M35046 Fiches technique(PDF) 22 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M35046 Fiches technique(HTML) 22 Page - Mitsubishi Electric Semiconductor |
|
22 / 40 page ![]() MITSUBISHI MICROCOMPUTERS M35046-XXXSP/FP SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS 22 CHARACTER FONT Images are composed on a 12 × 18 dot matrix, and characters can be linked vertically and horizontally with other characters to allow the display the continuous symbols. Fig. 8 Example for displaying a continuous pattern after combining characters in the horizontal or vertical direction Character code FF16 is fixed as a blank without background. Therefore, cannot register a character font in this code. When the character extends to the top line of the matrix, no border is left at the top. When the character extends to the bottom (18th) line of the matrix, no border is left at the bottom. Note : Hatching represents border. 12 dots |