| Moteur de recherche de fiches techniques de composants électroniques |
|
S8215A Fiches technique(PDF) 21 Page - Seiko Instruments Inc |
|
|
|||||||||||||||||||||||||||||
S8215A Fiches technique(HTML) 21 Page - Seiko Instruments Inc |
|
21 / 29 page ![]() BATTERY PROTECTION IC FOR 3-SERIAL TO 5-SERIAL CELL PACK (SECONDARY PROTECTION) Rev.2.3_00 S-8215A Series Seiko Instruments Inc. 21 Marking Specifications 1. TMSOP-8 Top view 1 4 3 2 85 6 7 (1) (2) (3) (4) (5) (6) (7) (8) (1): Blank (2) to (4): Product code (Refer to Product name vs. Product code) (5): Blank (6) to (8): Lot number Product name vs. Product code Product Name Product Code (2) (3) (4) S-8215AAA-K8T2U V 6 A S-8215AAB-K8T2U V 6 B S-8215AAC-K8T2U V 6 C S-8215AAD-K8T2U V 6 D S-8215AAE-K8T2U V 6 E S-8215AAF-K8T2U V 6 F S-8215AAH-K8T2U V 6 H S-8215AAI-K8T2U V 6 I S-8215AAJ-K8T2U V 6 J S-8215AAK-K8T2U V 6 K S-8215AAL-K8T2U V 6 L S-8215AAM-K8T2U V 6 M S-8215AAN-K8T2U V 6 N S-8215AAO-K8T2U V 6 O S-8215AAP-K8T2U V 6 P S-8215AAQ-K8T2U V 6 Q 2. SNT-8A Top view 14 3 2 85 6 7 (1) (2) (3) (4) (5) (6) (7) (8) (9) (10) (11) (1): Blank (2) to (4): Product code (Refer to Product name vs. Product code) (5), (6): Blank (7) to (11): Lot number Product name vs. Product code Product Name Product Code (2) (3) (4) S-8215AAA-I8T1U V 6 A S-8215AAG-I8T1U V 6 G |