| Moteur de recherche de fiches techniques de composants électroniques |
|
S1003 Fiches technique(PDF) 13 Page - Seiko Instruments Inc |
|
|
|||||||||||||||||||||||||||||
S1003 Fiches technique(HTML) 13 Page - Seiko Instruments Inc |
|
13 / 42 page ![]() MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) HIGH-ACCURACY VOLTAGE DETECTOR Rev.1.0_00 S-1003 Series Seiko Instruments Inc. 13 Test Circuits VDD VDD VSS OUT R *1 100 k Ω V V CD MR + + *2 VDD OUT A VDD VSS CD + MR *1 *1. R is unnecessary for CMOS output product. *1. Set to VDD or GND (MR pin non-active). *2. Set to VDD or GND (MR pin non-active). Figure 8 Test Circuit 1 Figure 9 Test Circuit 2 VDS VDD A V V VDD VSS CD OUT + MR *1 + + P.G. VDD VSS OUT R *1 100 k Ω CD MR CD VOUT *2 Oscilloscope *1. Set to VDD or GND. *1. R is unnecessary for CMOS output product. *2. Set to VDD or GND (MR pin non-active). Figure 10 Test Circuit 3 Figure 11 Test Circuit 4 VDD VDS A V V VDD VSS CD OUT + MR + + *1 VDD VDD VSS CD OUT + A V V MR R *1 100 k Ω VMR + + *1. Set to VDD or GND (MR pin non-active). *1. R is unnecessary for CMOS output product. Figure 12 Test Circuit 5 Figure 13 Test Circuit 6 |