Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S25C080A Fiches technique(PDF) 13 Page - Seiko Instruments Inc

No de pièce S25C080A
Description  105C OPERATION
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SII [Seiko Instruments Inc]
Site Internet  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S25C080A Fiches technique(HTML) 13 Page - Seiko Instruments Inc

Back Button S25C080A Datasheet HTML 9Page - Seiko Instruments Inc S25C080A Datasheet HTML 10Page - Seiko Instruments Inc S25C080A Datasheet HTML 11Page - Seiko Instruments Inc S25C080A Datasheet HTML 12Page - Seiko Instruments Inc S25C080A Datasheet HTML 13Page - Seiko Instruments Inc S25C080A Datasheet HTML 14Page - Seiko Instruments Inc S25C080A Datasheet HTML 15Page - Seiko Instruments Inc S25C080A Datasheet HTML 16Page - Seiko Instruments Inc S25C080A Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
105°C OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
Rev.2.3_00_C
S-25C080A H Series
Seiko Instruments Inc.
13
2. Write enable (WREN)
Before writing data (WRITE and WRSR), be sure to set bit Write Enable Latch (WEL). This instruction is to set bit WEL.
Its operation is below.
After selecting the device by the chip select ( CS ), input the instruction code from serial data input (SI). To set bit WEL,
set the device in the non-select status by CS at the 8th clock of the serial clock (SCK). To cancel the WREN
instruction, input the clock different from a specified value (n = 8 clock) while CS is in “L”.
SO
SCK
WP
CS
SI
Instruction
High-Z
12345678
High / Low
Figure 11 WREN Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31