Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRLS3034 Fiches technique(PDF) 9 Page - International Rectifier

No de pièce IRLS3034
Description  High Efficiency Synchronous Rectification in SMPS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRLS3034 Fiches technique(HTML) 9 Page - International Rectifier

Back Button IRLS3034 Datasheet HTML 2Page - International Rectifier IRLS3034 Datasheet HTML 3Page - International Rectifier IRLS3034 Datasheet HTML 4Page - International Rectifier IRLS3034 Datasheet HTML 5Page - International Rectifier IRLS3034 Datasheet HTML 6Page - International Rectifier IRLS3034 Datasheet HTML 7Page - International Rectifier IRLS3034 Datasheet HTML 8Page - International Rectifier IRLS3034 Datasheet HTML 9Page - International Rectifier IRLS3034 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
IRLS/SL3034PbF
www.irf.com
9
TO-262 Part Marking Information
TO-262 Package Outline
Dimensions are shown in millimeters (inches)
GPBP
S@8UDAD@S
DIU@SI6UDPI6G
GPUÃ8P9@
6TT@H7G`
GPBP
S@8UDAD@S
DIU@SI6UDPI6G
96U@Ã8P9@
X@@FÃ (
`@6SÃ&Ã2Ã ((&
Q6SUÃIVH7@S
6Ã2Ã6TT@H7G`ÃTDU@Ã8P9@
25
QSP9V8UÃPQUDPI6G
QÃ2Ã9@TDBI6U@TÃG@69AS@@
@Y6HQG@) UCDTÃDTÃ6IÃDSG" "G
GPUÃ8P9@Ã &'(
6TT@H7G`
Q6SUÃIVH7@S
96U@Ã8P9@
X@@FÃ (
GDI@Ã8
GPUÃ8P9@
`@6SÃ&Ã2Ã ((&
6TT@H7G@9ÃPIÃXXÃ (Ã ((&
DIÃUC@Ã6TT@H7G`ÃGDI@ÃÅ8Å
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/



Html Pages

1 2 3 4 5 6 7 8 9 10