| Moteur de recherche de fiches techniques de composants électroniques |
|
UT9435HZG-S08-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UT9435HZG-S08-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 4 page ![]() UNISONIC TECHNOLOGIES CO., LTD UT9435HZ Power MOSFET www.unisonic.com.tw 1 of 4 Copyright © 2015 Unisonic Technologies Co., Ltd QW-R502-740. F P-CHANNEL ENHANCEMENT MODE DESCRIPTION The UTC UT9435HZ is a P-channel enhancement power MOSFET. It has low gate charge, fast switching speed and perfect RDS(ON). This device is generally applied in power management applications. SYMBOL ORDERING INFORMATION Pin Assignment Ordering Number Package 12345 6 7 8 Packing UT9435HZG-AA3-R SOT-223 SG D -- - - - Tape Reel UT9435HZG-AE3-R SOT-23 SG D -- - - - Tape Reel UT9435HZG-AG6-R SOT-26 DD G SD D - - Tape Reel UT9435HZG-S08-R SOP-8 SSS GD D D D Tape Reel Note: Pin Assignment: G: Gate D: Drain S: Source |
Numéro de pièce similaire - UT9435HZG-S08-R |
|
Description similaire - UT9435HZG-S08-R |